Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPQ3H60T-HLS Datasheet (PDF) - STMicroelectronics

STGIPQ3H60T-HLS Datasheet PDF - STMicroelectronics
Part # STGIPQ3H60T-HLS
Download  STGIPQ3H60T-HLS Download
File Size   1033.19 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT

STGIPQ3H60T-HLS Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIPQ3H60T-HLS Datasheet PDF - STMicroelectronics

Part # STGIPQ3H60T-HLS
Download  STGIPQ3H60T-HLS Click to download

File Size   1033.19 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT

STGIPQ3H60T-HLS Datasheet (HTML) - STMicroelectronics


STGIPQ3H60T-HLS Product details

Features
• IPM 3 A, 600 V, 3-phase IGBT inverter bridge including 3 control ICs for gate
driving and freewheeling diodes
• 3.3 V, 5 V, 15 V TTL/CMOS input comparators with hysteresis and pull-down/
pull-up resistors
• Internal bootstrap diode
• Optimized for low electromagnetic interference
• Undervoltage lockout
• VCE(SAT) negative temperature coefficient
• Shutdown function
• Interlocking function
• Op-amp for advanced current sensing
• Comparator for fault protection against overcurrent
• NTC (UL 1434 CA 2 and 4)
• Isolation ratings of 1500 Vrms/min.
• Up to ±2 kV ESD protection (HBM C = 100 pF, R = 1.5 kΩ)
• UL recognition: UL 1557, file E81734

Description
This second series of SLLIMM (small low-loss intelligent molded module) nano
provides a compact, high-performance AC motor drive in a simple, rugged design.
It is composed of six improved short-circuit rugged trench gate fieldstop IGBTs with
freewheeling diodes and three half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics with optimized switching speed.
The package is designed to allow a better and more easily screwed-on heat sink, and
is optimized for thermal performance and compactness in built-in motor applications
or other low power applications where assembly space is limited. This IPM includes a
completely uncommitted operational amplifier and a comparator that can be used to
design a fast and efficient protection circuit.

Applications
• 3-phase induction motor (ACIM)
• Dishwasher
• Fans
• Kitchen hoods
• PMSM / BLDC motor control
• Refrigerators and freezers




Similar Part No. - STGIPQ3H60T-HLS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
More results


Similar Description - STGIPQ3H60T-HLS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB30M60S-XZ STMICROELECTRONICS-STGIB30M60S-XZ Datasheet
631Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB8CH60S-LZ STMICROELECTRONICS-STGIB8CH60S-LZ Datasheet
626Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
23-Sep-2021
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com