Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPNS3H60T-H Datasheet (PDF) - STMicroelectronics

STGIPNS3H60T-H Datasheet PDF - STMicroelectronics
Part # STGIPNS3H60T-H
Download  STGIPNS3H60T-H Download
File Size   1526.33 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT

STGIPNS3H60T-H Datasheet (PDF)

Go To PDF Page Download Datasheet
STGIPNS3H60T-H Datasheet PDF - STMicroelectronics

Part # STGIPNS3H60T-H
Download  STGIPNS3H60T-H Click to download

File Size   1526.33 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT

STGIPNS3H60T-H Datasheet (HTML) - STMicroelectronics


STGIPNS3H60T-H Product details

Features
• IPM 3 A, 600 V, 3-phase inverter IGBT including control ICs for gate driving and
freewheeling diodes
• Optimized for low electromagnetic interference
• VCE(sat) negative temperature coefficient
• 3.3 V, 5 V, 15 V CMOS/TTL inputs comparators with hysteresis and pull-down/
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• Comparator for fault protection against overcurrent
• Op-amp for advanced current sensing
• Optimized pinout for easy board layout
• NTC for temperature control (UL 1434 CA 2 and 4)
• Moisture sensitivity level (MSL) 3 for SMD package

Description
This SLLIMM (small low-loss intelligent molded module) nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six
IGBTs and three half-bridge HVICs for gate driving, providing low electromagnetic
interference (EMI) characteristics with optimized switching speed. The package is
optimized for thermal performance and compactness in built-in motor applications, or
other low power applications where assembly space is limited. This IPM includes an
operational amplifier, completely uncommitted, and a comparator that can be used to
design a fast and efficient protection circuit. SLLIMM is a trademark of
STMicroelectronics.

Applications
• 3-phase inverters for motor drives
• Roller shutters, dish washers, refrigerator compressors, airconditioning fans,
draining and recirculation pumps




Similar Part No. - STGIPNS3H60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
SLLIMM??nano (small low-loss intelligent molded module)IPM
02-May-2012
STGIPN3H60-H STMICROELECTRONICS-STGIPN3H60-H Datasheet
1Mb / 23P
3-phase inverters for motor drives
08-Sep-2016
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPN3H60T-H STMICROELECTRONICS-STGIPN3H60T-H Datasheet
1Mb / 26P
Optimized for low electromagnetic interference
16-Mar-2017
More results


Similar Description - STGIPNS3H60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STGIB15CH60S-XZ STMICROELECTRONICS-STGIB15CH60S-XZ Datasheet
624Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short-circuit rugged IGBT
20-Oct-2021
STGIB15CH60TS-X STMICROELECTRONICS-STGIB15CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT
21-Sep-2021
STGIB15CH60TS-XZ STMICROELECTRONICS-STGIB15CH60TS-XZ Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short‑circuit rugged IGBT
21-Sep-2021
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com