Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66235FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66235FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66235FP
Download  M66235FP Download
File Size   60.21 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description STANDARD CLOCK GENERATOR

M66235FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66235FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66235FP
Download  M66235FP Click to download

File Size   60.21 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description STANDARD CLOCK GENERATOR

M66235FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66235FP Product details

DESCRIPTION
M66235 is produced using the silicon gate CMOS process. It is able to output clock input signal in sync with optional external trigger input signal.
It features excellent synchronizing precision (jitter) over a wide frequency band range.

FEATURES
• 5V single power supply (5V ±5%)
• Frequency band: 25 ~ 52MHz
• Synchronizing precision (jitter): ±3ns
• Output types
   (1) Output of the same frequency as input clock, and its inversion
   (2) 1/2 divider clock output and its inversion
   (3) One-shot pulse output
   (4) Continuous clock output
• Noise in the positive direction to trigger input is removed by built-in noise killer circuit

APPLICATION
   Clock phase control for horizontal synchronization




Similar Part No. - M66235FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
STANDARD CLOCK GENERATOR
More results


Similar Description - M66235FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66236FP MITSUBISHI-M66236FP Datasheet
57Kb / 5P
STANDARD CLOCK GENERATOR
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
Clock Generator
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
Standard Clock Generator with PLL Frequency Synthesizer
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
STANDARD CLOCK GENERATOR
M66236FP RENESAS-M66236FP Datasheet
1Mb / 6P
STANDARD CLOCK GENERATOR
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com