Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80H100C-Y Datasheet (PDF) - STMicroelectronics

STPS80H100C-Y Datasheet PDF - STMicroelectronics
Part # STPS80H100C-Y
Download  STPS80H100C-Y Download
File Size   202.39 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier

STPS80H100C-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS80H100C-Y Datasheet PDF - STMicroelectronics

Part # STPS80H100C-Y
Download  STPS80H100C-Y Click to download

File Size   202.39 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier

STPS80H100C-Y Datasheet (HTML) - STMicroelectronics


STPS80H100C-Y Product details

Features
• AEC-Q101 qualified
• PPAP capable
• Negligible switching losses
• High junction temperature capability
• Low leakage current
• VRRM guaranteed from -40 °C to +175 °C
• Avalanche capability specified
• ECOPACK2 compliant

Description
The STPS80H100C-Y has been designed for high frequency switched mode power
Product status supply applications for DC/DC converters used in electrical cars.

Applications
• DC/DC converters
• Freewheeling diodes
• LLC topology
• Phase shift topology
• Electrical vehicles (EV) and hybrid electrical vehicles




Similar Part No. - STPS80H100C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80H100C STMICROELECTRONICS-STPS80H100C Datasheet
84Kb / 7P
Low leakage current
21-Jun-2010
STPS80H100CY STMICROELECTRONICS-STPS80H100CY Datasheet
100Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80H100C STMICROELECTRONICS-STPS80H100C_10 Datasheet
86Kb / 7P
High voltage power Schottky rectifier
21-Jun-2010
More results


Similar Description - STPS80H100C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
Automotive low drop power Schottky rectifier
07-Jul-2015
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
13-Oct-2016
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
Automotive low drop power Schottky rectifier
11-Jul-2013
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
Automotive 100 V low drop power Schottky rectifier
11-Jul-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com