Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS640CSFY Datasheet (PDF) - STMicroelectronics

STPS640CSFY Datasheet PDF - STMicroelectronics
Part # STPS640CSFY
Download  STPS640CSFY Download
File Size   318.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 40 V, dual 3 A power Schottky rectifier

STPS640CSFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS640CSFY Datasheet PDF - STMicroelectronics

Part # STPS640CSFY
Download  STPS640CSFY Click to download

File Size   318.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 40 V, dual 3 A power Schottky rectifier

STPS640CSFY Datasheet (HTML) - STMicroelectronics


STPS640CSFY Product details

Description
The STPS640CSFY has been developed for applications requiring an optimized VF and leakage current characteristics. These characteristics make it ideal for use in secondary rectification functions, such as DC/DC converters or freewheeling functions. Product status link STPS640CSFY Product summary

Features
■ AEC-Q101 qualified
■ PPAP capable
■ 150 °C maximum operation junction temperature
■ VRRM guaranteed from -40 °C to 150 °C
■ High surge current capability
■ ECOPACK2 compliant component

Applications
■ Reverse polarity protection in E.C.U
■ DC/DC converters
■ Freewheeling diodes




Similar Part No. - STPS640CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS640C STMICROELECTRONICS-STPS640C Datasheet
137Kb / 9P
Power Schottky rectifier
22-Mar-2007
STPS640C STMICROELECTRONICS-STPS640C Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
STPS640C STMICROELECTRONICS-STPS640C Datasheet
408Kb / 8P
Power Schottky rectifier
16-May-2017
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
STPS640CB STMICROELECTRONICS-STPS640CB Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
More results


Similar Description - STPS640CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80H100C-Y STMICROELECTRONICS-STPS80H100C-Y Datasheet
202Kb / 9P
Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier
23-Aug-2021
logo
Nexperia B.V. All right...
PMEG040V030EPE-Q NEXPERIA-PMEG040V030EPE-Q Datasheet
263Kb / 11P
40 V, 3 A low VF Schottky barrier rectifier
24 October 2022
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
PMEG4030EP NEXPERIA-PMEG4030EP Datasheet
252Kb / 12P
40 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG4030ER NEXPERIA-PMEG4030ER Datasheet
262Kb / 13P
40 V, 3 A low VF Schottky barrier rectifier
23 January 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com