Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS61170C-Y Datasheet (PDF) - STMicroelectronics

STPS61170C-Y Datasheet PDF - STMicroelectronics
Part # STPS61170C-Y
Download  STPS61170C-Y Download
File Size   216.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 170 V, dual 30 A lowdrop power Schottky rectifier

STPS61170C-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS61170C-Y Datasheet PDF - STMicroelectronics

Part # STPS61170C-Y
Download  STPS61170C-Y Click to download

File Size   216.46 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 170 V, dual 30 A lowdrop power Schottky rectifier

STPS61170C-Y Datasheet (HTML) - STMicroelectronics


STPS61170C-Y Product details

Features
• AEC-Q101 qualified
• Avalanche capability
• 175 °C maximum operating junction temperature
• VRRM guaranteed from -40 °C to +175 °C
• PPAP capable
• ECOPACK2 compliant

Description
The STPS61170C-Y has been developed for applications requiring a high-voltage
secondary rectification diode, and in particular for DC/DC converters used in
electrical cars.

Applications
• DC/DC converter
• Freewheeling diodes
• LLC topology
• Phase shift topology
• Electrical vehicles (EV) and Hybrid electrical vehicles




Similar Part No. - STPS61170C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS61170C STMICROELECTRONICS-STPS61170C Datasheet
90Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
STPS61170C STMICROELECTRONICS-STPS61170C Datasheet
207Kb / 9P
170 V power Schottky rectifier
27-Jul-2018
STPS61170CW STMICROELECTRONICS-STPS61170CW Datasheet
90Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
STPS61170CW STMICROELECTRONICS-STPS61170CW Datasheet
207Kb / 9P
170 V power Schottky rectifier
27-Jul-2018
STPS61170C STMICROELECTRONICS-STPS61170C_V01 Datasheet
207Kb / 9P
170 V power Schottky rectifier
27-Jul-2018
More results


Similar Description - STPS61170C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS2170 STMICROELECTRONICS-STPS2170_V01 Datasheet
353Kb / 12P
170 V, 2 A power Schottky rectifier
October 2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com