Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS630CSFY Datasheet (PDF) - STMicroelectronics

STPS630CSFY Datasheet PDF - STMicroelectronics
Part # STPS630CSFY
Download  STPS630CSFY Download
File Size   318.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 30 V, dual 3 A power Schottky rectifier

STPS630CSFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS630CSFY Datasheet PDF - STMicroelectronics

Part # STPS630CSFY
Download  STPS630CSFY Click to download

File Size   318.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 30 V, dual 3 A power Schottky rectifier

STPS630CSFY Datasheet (HTML) - STMicroelectronics


STPS630CSFY Product details

Description
The STPS630CSFY has been developed for applications requiring an optimized VF and leakage current characteristics. These characteristics make it ideal for use in secondary rectification functions, such as DC/DC converters or freewheeling functions. Product status link STPS630CSFY Product summary

Features
■ AEC-Q101 qualified
■ PPAP capable
■ 150 °C maximum operation junction temperature
■ VRRM guaranteed from -40 °C to 150 °C
■ High surge current capability
■ ECOPACK2 compliant component

Applications
■ Reverse polarity protection in E.C.U
■ DC/DC converters
■ Freewheeling diodes




Similar Part No. - STPS630CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150C STMICROELECTRONICS-STPS60150C_V01 Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
More results


Similar Description - STPS630CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
logo
Nexperia B.V. All right...
PMEG3030BEP-Q NEXPERIA-PMEG3030BEP-Q Datasheet
252Kb / 12P
30 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG030V030EPE NEXPERIA-PMEG030V030EPE Datasheet
261Kb / 11P
30 V, 3 A low VF Schottky barrier rectifier
29 August 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com