Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS630CSFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS630CSFY
Description  Automotive 30 V, dual 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS630CSFY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS630CSFY Datasheet HTML 1Page - STMicroelectronics STPS630CSFY Datasheet HTML 2Page - STMicroelectronics STPS630CSFY Datasheet HTML 3Page - STMicroelectronics STPS630CSFY Datasheet HTML 4Page - STMicroelectronics STPS630CSFY Datasheet HTML 5Page - STMicroelectronics STPS630CSFY Datasheet HTML 6Page - STMicroelectronics STPS630CSFY Datasheet HTML 7Page - STMicroelectronics STPS630CSFY Datasheet HTML 8Page - STMicroelectronics STPS630CSFY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
AEC-Q101 qualified
•
PPAP capable
•
150 °C maximum operation junction temperature
•
VRRM guaranteed from -40 °C to 150 °C
•
High surge current capability
•
ECOPACK2 compliant component
Application
•
Reverse polarity protection in E.C.U
•
DC/DC converters
•
Freewheeling diodes
Description
The STPS630CSFY has been developed for applications requiring an optimized VF
and leakage current characteristics.
These characteristics make it ideal for use in secondary rectification functions, such
as DC/DC converters or freewheeling functions.
Product status link
STPS630CSFY
Product summary
Symbol
Value
IF(AV)
2 X 3 A
VRRM
30 V
Tj (max.)
150 °C
VF (typ.)
0.32 V
Automotive 30 V, dual 3 A power Schottky rectifier
STPS630CSFY
Datasheet
DS13539 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS630CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150C STMICROELECTRONICS-STPS60150C Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
490Kb / 6P
POWER SCHOTTKY RECTIFIER
19-Oct-2004
STPS60150CT STMICROELECTRONICS-STPS60150CT Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
STPS60150C STMICROELECTRONICS-STPS60150C_V01 Datasheet
199Kb / 10P
150 V power Schottky rectifier
Rev 2 - June 2018
More results

Similar Description - STPS630CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
Automotive 200 V, dual 3 A ultrafast rectifier
06-Nov-2020
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
logo
Nexperia B.V. All right...
PMEG3030BEP-Q NEXPERIA-PMEG3030BEP-Q Datasheet
252Kb / 12P
30 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG030V030EPE NEXPERIA-PMEG030V030EPE Datasheet
261Kb / 11P
30 V, 3 A low VF Schottky barrier rectifier
29 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com