Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS660CSFY Datasheet (PDF) - STMicroelectronics

STPS660CSFY Datasheet PDF - STMicroelectronics
Part # STPS660CSFY
Download  STPS660CSFY Download
File Size   319.11 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 60 V, dual 3 A power Schottky rectifier

STPS660CSFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS660CSFY Datasheet PDF - STMicroelectronics

Part # STPS660CSFY
Download  STPS660CSFY Click to download

File Size   319.11 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 60 V, dual 3 A power Schottky rectifier

STPS660CSFY Datasheet (HTML) - STMicroelectronics


STPS660CSFY Product details

Description
The STPS660CSFY has been developed for applications requiring an optimized VF and leakage current characteristics. These characteristics make it ideal for use in secondary rectification functions, such as DC/DC converters or freewheeling functions. Product status link STPS660CSFY Product summary

Features
■ AEC-Q101 qualified
■ PPAP capable
■ 175 °C maximum operation junction temperature
■ VRRM guaranteed from -40 °C to 175 °C
■ High surge current capability
■ ECOPACK2 compliant component

Applications
■ Reverse polarity protection in E.C.U
■ DC/DC converters
■ Freewheeling diodes




Similar Part No. - STPS660CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS660CB STMICROELECTRONICS-STPS660CB Datasheet
43Kb / 3P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS660CB-TR STMICROELECTRONICS-STPS660CB-TR Datasheet
43Kb / 3P
POWER SCHOTTKY RECTIFIER
Jul-1998
More results


Similar Description - STPS660CSFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
logo
Nexperia B.V. All right...
PMEG6030ETP-Q NEXPERIA-PMEG6030ETP-Q Datasheet
260Kb / 13P
High-temperature 60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com