Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS660CSFY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS660CSFY
Description  Automotive 60 V, dual 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS660CSFY Datasheet(HTML) 5 Page - STMicroelectronics

  STPS660CSFY Datasheet HTML 1Page - STMicroelectronics STPS660CSFY Datasheet HTML 2Page - STMicroelectronics STPS660CSFY Datasheet HTML 3Page - STMicroelectronics STPS660CSFY Datasheet HTML 4Page - STMicroelectronics STPS660CSFY Datasheet HTML 5Page - STMicroelectronics STPS660CSFY Datasheet HTML 6Page - STMicroelectronics STPS660CSFY Datasheet HTML 7Page - STMicroelectronics STPS660CSFY Datasheet HTML 8Page - STMicroelectronics STPS660CSFY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 8. PSMC (TO-277A) package outline
STPS660CSFY
Package information
DS13525 - Rev 1
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com