Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS560SFY Datasheet (PDF) - STMicroelectronics

STPS560SFY Datasheet PDF - STMicroelectronics
Part # STPS560SFY
Download  STPS560SFY Download
File Size   474.68 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 60 V, 5 A power Schottky rectifier

STPS560SFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS560SFY Datasheet PDF - STMicroelectronics

Part # STPS560SFY
Download  STPS560SFY Click to download

File Size   474.68 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 60 V, 5 A power Schottky rectifier

STPS560SFY Datasheet (HTML) - STMicroelectronics


STPS560SFY Product details

Features
• AEC-Q101 qualified
• Avalanche capability specified
• 175 °C maximum junction temperature
• VRRM guaranteed from -40 °C to 175 °C
• Wettable flanks for automatic visual inspection
• PPAP capable
• ECOPACK® 2 compliant component

Description
The STPS560SFY power Schottky rectifier has been designed for automotive
applications.
Packaged in PSMC (TO-277A), this device provides a very low VF in a compact
Product status link package which can withstand high operating junction temperature.

Application
• DC/DC converters
• Reverse polarity protection
• Freewheeling diodes
• Switching diodes




Similar Part No. - STPS560SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5045S STMICROELECTRONICS-STPS5045S Datasheet
160Kb / 7P
Power Schottky rectifier
28-Jun-2012
STPS5045SG-TR STMICROELECTRONICS-STPS5045SG-TR Datasheet
160Kb / 7P
Power Schottky rectifier
28-Jun-2012
STPS50U100C STMICROELECTRONICS-STPS50U100C Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CR STMICROELECTRONICS-STPS50U100CR Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
STPS50U100CT STMICROELECTRONICS-STPS50U100CT Datasheet
111Kb / 8P
Ultralow forward voltage power Schottky rectifier
17-Nov-2009
More results


Similar Description - STPS560SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS5S100SFY STMICROELECTRONICS-STPS5S100SFY Datasheet
317Kb / 9P
Automotive 100 V, 5 A low Ir power Schottky rectifier
Rev 1 - December 2020
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
logo
Nexperia B.V. All right...
PMEG060V050EPE-Q NEXPERIA-PMEG060V050EPE-Q Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
PMEG060V050EPE NEXPERIA-PMEG060V050EPE Datasheet
257Kb / 11P
60 V, 5 A low VF Schottky barrier rectifier
19 July 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com