Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS5L60SF Datasheet (PDF) - STMicroelectronics

STPS5L60SF Datasheet PDF - STMicroelectronics
Part # STPS5L60SF
Download  STPS5L60SF Download
File Size   323.12 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V power Schottky rectifier

STPS5L60SF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS5L60SF Datasheet PDF - STMicroelectronics

Part # STPS5L60SF
Download  STPS5L60SF Click to download

File Size   323.12 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V power Schottky rectifier

STPS5L60SF Datasheet (HTML) - STMicroelectronics


STPS5L60SF Product details

Features
• Low profile design – package height of 1.1 mm typ.
• Wettable flanks for automatic visual inspection
• Low forward voltage drop
• Avalanche capability
• ECOPACK® 2 compliant

Description
This 60 V Schottky barrier rectifier has been optimized for use in high frequency
miniature DC/DC converters, reverse battery protection, battery chargers and
adaptors.
Packaged in PSMC (TO-277A), the STPS5L60SF provides a high level of
performance in a compact and flat package which can withstand high operating
Product status link junction temperature.

Applications
• Set-top box
• Battery charger
• DC/DC converter
• Notebook adapter
• Switching diode




Similar Part No. - STPS5L60SF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
More results


Similar Description - STPS5L60SF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125613 SENSITRON-SHD125613 Datasheet
84Kb / 3P
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop (60 V, 35A)
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com