Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F158 Datasheet (PDF) - fujitsu semiconductor

MB91F158 Datasheet PDF - fujitsu semiconductor
Part # MB91F158
Download  MB91F158 Download
File Size   740.17 Kbytes
Page   90 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontrollers

MB91F158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F158 Datasheet PDF - fujitsu semiconductor

Part # MB91F158
Download  MB91F158 Click to download

File Size   740.17 Kbytes
Page   90 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontrollers

MB91F158 Datasheet (HTML) - fujitsu semiconductor


MB91F158 Product details

■ DESCRIPTION
The MB91F158 is a microcontroller for CD/DVD using a RISC-CPU (FR 30 series) as its core.

■ FEATURES
1. CPU
    • 32-bit RISC (FR30) , load/store architecture, 5-stage pipeline
    • General-purpose registers : 32 bits × 16
    • 16-bit fixed-length instructions (basic instructions) , 1 instruction/ 1 cycle
    • Memory-to-memory transfer, bit processing, barrel shift processing : Optimized for embedded applications
    • Function entrance/exit instructions, and multiple load/store instructions of register contents, instruction systems supporting high level languages
    • Register interlock functions, efficient assembly language description
    • Branch instructions with delay slots : Reduced overhead time in branching executions
    • Internal multiplier/supported at instruction level
        Signed 32-bit multiplication : 5 cycles
        Signed 16-bit multiplication : 3 cycles
    • Interrupt (PC and PS saving) : 6 cycles, 16 priority levels
    • Support for little endian mode
2. Bus Interface
    • 24-bit address output, 8/16-bit data input and output
    • Basic bus cycle : 2-clock cycle
    • Support for interface for various types of memory
    • Unused data/address pins can be configured us input/output ports
    • Support for little endian mode
3. Internal ROM
    FLASH products : 510 Kbytes
4. Internal RAM
    2 Kbytes
5. Internal Data RAM
    6 Kbytes
6. Bit Search Module
    Searches in one cycle for the position of the bit that changes from the MSB in one word to the initial I/O.
7. Timers
    • 16-bit OCU × 4 channels, ICU × 4 channels, Free-run timer × 1 channel
    • 8/16-bit up/down timer/counter (8-bit × 2 channels or 16-bit × 1 channel)
    • 16-bit PPG timer × 4 channels. The output pulse cycle and duty can be varied as desired
    • 16-bit reload timer × 2 channels
8. D/A Converter
    • 8-bit × 3 channels
9. A/D Converter (Sequential Comparison Type)
    • 10-bit × 8 channels
    • Sequential conversion method (conversion time : 5.2 µs@32 MHz)
    • Single conversion or scan conversion can be selected, and one-shot or continuous or stop conversion mode can be set respectively.
    • Conversion starting function by hardware/software.
10. Serial I/O
    • UART × 2 channels. Any of them is capable of serial transfer in sync with clock attached with the LSB/MSB switching function.
    • Serial data output and serial clock output are selectable by push-pull/open drain software.
    • A 16-bit timer (U-timer) is contained as a dedicated baud rate generator allowing any baud rate to be generated.
11. Clock Switching Function
    • Gear function : Operating clock ratios to the basic clock can be set independently for the CPU and peripherals from four types, 1 : 1, 1 : 2, 1 : 4 or 1 : 8.
12. Interrupt Controller
    External interrupt input (16 channels in total) :
    • Allows the rising edge/falling edge/H level/L level to be set.
    Internal interrupt factors :
    • Interrupt by resources and delay interrupt
13. Others
    • Reset cause : Power on reset/watchdog timer/software reset/external reset
    • Low power consumption mode : Sleep/stop
    • Package : 120-pin LQFP
    • CMOS technology (0.35 µm)
    • Power supply voltage : 3.2 V to 3.5 V
    • Operation frequency upper limit
        CPU : 32 MHz
        Peripheral circuit : 32 MHz
        External bus : 25 MHz




Similar Part No. - MB91F158

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
More results


Similar Description - MB91F158

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F155 FUJITSU-MB91F155 Datasheet
918Kb / 104P
32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
32-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
8-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
32-bit proprietary Microcontrollers CMOS
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
8-bit Proprietary Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
32-bit Proprietary Microcontrollers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com