Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F155 Datasheet (PDF) - fujitsu semiconductor

MB91F155 Datasheet PDF - fujitsu semiconductor
Part # MB91F155
Download  MB91F155 Download
File Size   918.6 Kbytes
Page   104 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontrollers

MB91F155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F155 Datasheet PDF - fujitsu semiconductor

Part # MB91F155
Download  MB91F155 Click to download

File Size   918.6 Kbytes
Page   104 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Proprietary Microcontrollers

MB91F155 Datasheet (HTML) - fujitsu semiconductor


MB91F155 Product details

■ DESCRIPTION
The MB91150 is a single-chip microcontroller using a RISC-CPU (FR 30 series) as its core. It contains peripheral I/O resources suitable for audio, MD and so on which are required to operate at low power consumption.

■ FEATURES
1. CPU
    • 32-bit RISC (FR30) , load/store architecture, 5-stage pipeline
    • General-purpose registers: 32 bits ×16
    • 16-bit fixed-length instructions (basic instructions) , 1 instruction/ 1 cycle
    • Memory-to-memory transfer, bit processing, barrel shift processing : Optimized for embedded applications
    • Function entrance/exit instructions, and multiple load/store instructions of register contents, instruction systems supporting high level languages
    • Register interlock functions, efficient assembly language description
    • Branch instructions with delay slots : Reduced overhead time in branching executions
    • Internal multiplier/supported at instruction level
        Signed 32-bit multiplication : 5 cycles
        Signed 16-bit multiplication : 3 cycles
    • Interrupt (PC and PS saving) : 6 cycles, 16 priority levels

2. Bus Interface
    • 16-bit address output, 8/16-bit data input and output
    • Basic bus cycle : 2-clock cycle
    • Support for interface for various types of memory
    • Unused data/address pins can be configured us input/output ports
    • Support for little endian mode

3. Internal ROM
    MB91F155
        FLASH products : 510 Kbytes
    MB91154
        Mask product : 384 Kbytes

4. Internal RAM
    Mask, FLASH products : 2 Kbytes

5. Internal Backup RAM
    MB91F155
        FLASH products : 32 Kbytes
    MB91154
        Mask product : 20 Kbytes
        More power can be saved by entering backup mode and then applying power supply current only to the backup RAM.

6. DMAC
    DMAC in descriptor format for placing transfer parameters on to the main memory.
    Capable of transferring a maximum of eight internal and external factors combined.
    Three channels for external factors

7. Bit Search Module
    Searches in one cycle for the position of the bit that changes from the MSB in one word to the initial I/O.

8. Timers
    • 16-bit OCU × 8 channels, ICU × 4 channels, Free-run timer × 1 channel
    • 8/16-bit up/down timer/counter (8-bit × 2 channels or 16-bit × 1 channel)
        AIN and BIN share pins with internal interrupts.
    • 16-bit PPG timer × 6 channels. The output pulse cycle and duty can be varied as desired
    • 16-bit reload timer × 4 channels

9. D/A Converter
    • 8-bit × 3 channels

10. A/D Converter (Sequential Comparison Type)
    • 10-bit × 8 channels
    • Sequential conversion method (conversion time : 5.0 µs@33 MHz)
    • Single conversion or scan conversion can be selected, and one-shot or continuous or stop conversion mode can be set respectively.
    • Conversion starting function by hardware/software.
(Continued)




Similar Part No. - MB91F155

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155A FUJITSU-MB91F155A Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155APF-G FUJITSU-MB91F155APF-G Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91F155APFV-G FUJITSU-MB91F155APFV-G Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
More results


Similar Description - MB91F155

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F155A FUJITSU-MB91F155A Datasheet
989Kb / 105P
32-bit Proprietary Microcontrollers
MB91151A FUJITSU-MB91151A Datasheet
815Kb / 94P
32-bit Proprietary Microcontrollers
MB91F158 FUJITSU-MB91F158 Datasheet
740Kb / 90P
32-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
8-bit Proprietary Microcontrollers
MB91482 FUJITSU-MB91482 Datasheet
896Kb / 88P
32-bit proprietary Microcontrollers CMOS
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
8-bit Proprietary Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91319R FUJITSU-MB91319R Datasheet
574Kb / 71P
32-bit Proprietary Microcontrollers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com