Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6294 Datasheet (PDF) - NTE Electronics

2N6294 Datasheet PDF - NTE Electronics
Part # 2N6294
Download  2N6294 Download
File Size   65.62 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Darlington Power Amplifier, Switch

2N6294 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6294 Datasheet PDF - NTE Electronics

Part # 2N6294
Download  2N6294 Click to download

File Size   65.62 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Darlington Power Amplifier, Switch

2N6294 Datasheet (HTML) - NTE Electronics


2N6294 Product details

Description:
The 2N6294 silicon NPN Darlington transistor is a TO−66 type case designed for general purpose
amplifier, low−frequency switching and hammer driver applications.

Features:
 High DC Current Gain: hFE = 3000 Typ @ IC = 2A
 Low Collector−Emitter Saturation Voltage: VCE(sat) = 2V Max @ IC = 2A
 Collector−Emitter Sustaining Voltage: VCEO(sus) = 60V Min
 Monolithic Construction with Built−In Base−Emitter Shunt Resistors




Similar Part No. - 2N6294

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6294 CENTRAL-2N6294 Datasheet
66Kb / 1P
COMPLEMENTARY SILICON DARLINGTONl
2N6294 CENTRAL-2N6294 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6294 SAVANTIC-2N6294 Datasheet
211Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6294 JMNIC-2N6294 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6294 ISC-2N6294 Datasheet
185Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2N6294

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington Power Amp, Switch
NTE2549 NTE-NTE2549 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington Driver, Switch
NTE2550 NTE-NTE2550 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington Driver, Switch
NTE265 NTE-NTE265 Datasheet
23Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
NTE266 NTE-NTE266 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
Silicon NPN Transistor HV Darlington Power Amp, Switch
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13_15 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com