Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMBTA13 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMBTA13
Download  MMBTA13 Download
File Size   885.04 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Darlington Amplifier Transistor NPN Silicon

MMBTA13 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA13 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMBTA13
Download  MMBTA13 Click to download

File Size   885.04 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Darlington Amplifier Transistor NPN Silicon

MMBTA13 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MMBTA13 Product details

FEATURES

  Power dissipation

     PCM : 0.3W(Tamb=25℃)

  Collector current

     ICM : 0.3A

  Collector-base voltage

     V(BR)CBO : 30V

  Operating and storage junction temperature range

     TJ,Tstg: -55℃ to +150

 



 




Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results


Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE265 NTE-NTE265 Datasheet
23Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
NTE266 NTE-NTE266 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_08 Datasheet
154Kb / 5P
NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_11 Datasheet
265Kb / 5P
NPN Darlington Amplifier Transistor
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13_15 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
logo
NTE Electronics
2N6294 NTE-2N6294 Datasheet
65Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier, Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com