Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA13
Description  Darlington Amplifier Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA13 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA13 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA13 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBTA13 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
MMBTA13
MMBTA14
Darlington Amplifier Transistor NPN Silicon
K
J
C
H
L
A
B S
G
V
3
1
2
1
2
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
http://www.SeCoSGmbH.com
Elektronische Bauelemente
COLLECTOR 3
BASE 1
EMITTER 2
FEATURES
Power dissipation
PCM :
0.3W(Tamb=25℃)
Collector current
ICM :
0.3A
Collector-base voltage
V(BR)CBO : 30V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150
ELECTRICAL CHARACTERISTICS(Tamb=25℃
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 100uA, IB=0
30
V
Collector-emitter breakdown voltage
V(BR)EBO
IE= 100μA, Ic=0
10
V
Collector cut-off current
ICBO
VCB=30 V , IE=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB= 10V ,
IC=0
0.1
μ
A
hFE(1) *
VCE=5V, IC= 10mA
MMBTA13
MMBTA14
5000
10000
DC current gain
hFE(2) *
VCE=5V, IC= 100mA
MMBTA13
MMBTA14
10000
20000
Collector-emitter saturation voltage
VCE (sat) *
IC=100 mA, IB=0.1mA
1.5
V
Base-emitter voltage
VBE *
VCE=5V,IC= 100mA
2.0
V
Transition frequency
fT
VCE=5V, IC= 10mA
f=100MHz
125
MHz
* Pulse Test : pulse width≤300μs,duty cycle≤2%。
Marking : MMBTA13:K2D;MMBTA14:K3D
D
01-Jun-2004 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBTA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA13 TRSYS-MMBTA13 Datasheet
139Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA13 FAIRCHILD-MMBTA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13 Datasheet
47Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30047 Rev. 4 - 2
logo
KEC(Korea Electronics)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
More results

Similar Description - MMBTA13

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE265 NTE-NTE265 Datasheet
23Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
NTE266 NTE-NTE266 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier
logo
Samsung semiconductor
MMBTA13 SAMSUNG-MMBTA13 Datasheet
26Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
MMBTA14 SAMSUNG-MMBTA14 Datasheet
28Kb / 1P
NPN (DARLINGTON AMPLIFIER TRANSISTOR)
logo
Micro Commercial Compon...
MMBTA13 MCC-MMBTA13 Datasheet
166Kb / 4P
NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_08 Datasheet
154Kb / 5P
NPN Darlington Amplifier Transistor
MMBTA13 MCC-MMBTA13_11 Datasheet
265Kb / 5P
NPN Darlington Amplifier Transistor
logo
New Jersey Semi-Conduct...
MPSU45 NJSEMI-MPSU45 Datasheet
85Kb / 2P
NPN SILICON DARLINGTON AMPLIFIER TRANSISTOR
logo
SeCoS Halbleitertechnol...
MMBTA13 SECOS-MMBTA13_15 Datasheet
885Kb / 3P
Darlington Amplifier Transistor NPN Silicon
logo
NTE Electronics
2N6294 NTE-2N6294 Datasheet
65Kb / 2P
Silicon NPN Transistor Darlington Power Amplifier, Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com