Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA13 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA13
Description  Darlington Amplifier Transistor NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA13 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA13 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA13 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBTA13 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
MMBTA13
MMBTA14
Darlington Amplifier Transistor NPN Silicon
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0 2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0 10
20
30
50 70 100
200 300
500
TJ = 125°C
25°C
-55°C
VCE = 5.0 V
0.1 0.2 0.5 1.0 2.0
5.0 10 20 50 100 200 500 1000
TJ = 25°C
IC = 10 mA 50 mA
250 mA 500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
-1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20 30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
-2.0
-3.0
-4.0
-5.0
-6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
25°C TO 125°C
-55°C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25°C TO 125°C
-55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
01-Jun-2004 Rev. B
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com