Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A3157 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A3157 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A3157
Download  PI5A3157 Download
File Size   135.91 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch

PI5A3157 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A3157 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A3157
Download  PI5A3157 Click to download

File Size   135.91 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch

PI5A3157 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A3157 Product details

Description

The PI5A3157 is a high-bandwidth, fast single-pole double-throw (SPDT) CMOS switch. It can be used as an analog switch or as a low-delay bus switch. Specified over a wide operating power supply voltage range, 1.65V to 5.5V, the PI5A3157 has a maximum ON resistance of 12-ohms at 1.65V, 9-ohms at 2.3V & 6-ohms at 4.5V.



Features

• CMOS Technology for Bus and Analog Applications

• Low ON Resistance: 8-ohms at 3.0V

• Wide VCCRange: 1.65V to 5.5V

• Rail-to-Rail Signal Range

• Control Input Overvoltage Tolerance: 5.5V min.

• Fast Transition Speed: 5.2ns max. at 5V

• High Off Isolation: 57dB at 10MHz

• 54dB (10MHz) Crosstalk Rejection Reduces Signal Distortion

• Break-Before-Make Switching

• High Bandwidth: 250 MHz

• Extended Industrial Temperature Range: –40°C to 85°C

• Improved Direct Replacement for NC7SB3157

• Packaging (Pb-free & Green available):

- 6-pin TDFN (ZA)

- 6-pin SC70 (C)




Similar Part No. - PI5A3157

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Similar Description - PI5A3157

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3159 PERICOM-PI5A3159 Datasheet
604Kb / 10P
SOTINYTM 1??Low-Voltage SPDT Analog Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com