Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A3159 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A3159 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5A3159
Download  PI5A3159 Download
File Size   604.22 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM 1??Low-Voltage SPDT Analog Switch

PI5A3159 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A3159 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5A3159
Download  PI5A3159 Click to download

File Size   604.22 Kbytes
Page   10 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINYTM 1??Low-Voltage SPDT Analog Switch

PI5A3159 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5A3159 Product details

Description
The PI5A3159 is a high-bandwidth, fast single-pole double-throw (SPDT) CMOS switch. It can be used as an analog switch or as a low-delay bus switch. Specified over a wide operating power supply voltage range, 1.8V to 5.5V, the PI5A3159 has a maximum On-Resistance of 4Ω at 1.8V, 2.4Ω at 2.3V & 1Ω at 4.5V.

Features
• CMOS Technology for Bus and Analog Applications
• Low On-Resistance: 2Ω at 3.0V
• Wide VCC Range: +1.8V to +5.5V
• Low Power Consumption : 5µW
• Rail-to-Rail switching throughout Signal Range
• Fast Switching Speed: 30ns max. at 5V
• High Off Isolation: –57dB at 10MHz
• –57dB (1 MHz) Crosstalk Rejection Reduces Signal Distortion
• Break-Before-Make Switching
• Extended Industrial Temperature Range: –40°C to 85°C
• Low On-Resistance Replacement for NC7SB3157
• Packaging (Pb-free & Green available):
    - 6-pin SOT-23 (T)
    - 6-contact TDFN-6 (ZC)

Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered Communications
• Computer Peripherals




Similar Part No. - PI5A3159

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Similar Description - PI5A3159

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
logo
Vishay Siliconix
DG2031 VISHAY-DG2031 Datasheet
68Kb / 6P
Low-Voltage, Sub 1, Dual SPDT Analog Switch
21-Jun-04
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
1-Ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
Low-Voltage, 1廓 SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
1-Ohm Low Voltage SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
Low-Voltage, 1廓 SPDT Analog Switch
logo
Vishay Siliconix
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com