Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT2823T Datasheet (PDF) - Pericom Semiconductor Corporation

PI74FCT2823T Datasheet PDF - Pericom Semiconductor Corporation
Part # PI74FCT2823T
Download  PI74FCT2823T Download
File Size   85.75 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Bus Interface Registers

PI74FCT2823T Datasheet (PDF)

Go To PDF Page Download Datasheet
PI74FCT2823T Datasheet PDF - Pericom Semiconductor Corporation

Part # PI74FCT2823T
Download  PI74FCT2823T Click to download

File Size   85.75 Kbytes
Page   7 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Fast CMOS Bus Interface Registers

PI74FCT2823T Datasheet (HTML) - Pericom Semiconductor Corporation


PI74FCT2823T Product details

Product Description:
Pericom Semiconductor’s PI74FCT series of logic circuits are produced in the Company’s advanced 0.8 micron CMOS technology, achieving industry leading speed grades. All PI74FCT2XXX devices have a built-in 25-ohm series resistor on all outputs to reduce noise because of reflections, thus eliminating the need for an external terminating resistor.

Product Features:
• PI74FCT821T/823T/825T/2821T/2823T is pin compatible with bipolar FAST™ Series at a higher speed and lower power consumption
• 25Ω series resistor on all outputs (FCT2XXX only)
• TTL input and output levels
• Low ground bounce outputs
• Extremely low static power
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
    – 24-pin 300 mil wide plastic DIP (P)
    – 24-pin 150 mil wide plastic QSOP (Q)
    – 24-pin 150 mil wide plastic TQSOP (R)
    – 24-pin 300 mil wide plastic SOIC (S)
• Device models available upon request




Similar Part No. - PI74FCT2823T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT2827T PERICOM-PI74FCT2827T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
PI74FCT2828T PERICOM-PI74FCT2828T Datasheet
105Kb / 5P
Fast CMOS 10-Bit Buffers
More results


Similar Description - PI74FCT2823T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
Bus interface registers
1996 Jan 05
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
logo
Integrated Device Techn...
IDT74FCT16646T IDT-IDT74FCT16646T Datasheet
177Kb / 9P
FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
FAST CMOS BUS INTERFACE LATCHES
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
Fast CMOS 18-Bit Registers
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com