Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet (PDF) - NXP Semiconductors

74F821 Datasheet PDF - NXP Semiconductors
Part # 74F821
Download  74F821 Download
File Size   140.22 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface registers

74F821 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F821 Datasheet PDF - NXP Semiconductors

Part # 74F821
Download  74F821 Click to download

File Size   140.22 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface registers

74F821 Datasheet (HTML) - NXP Semiconductors


74F821 Product details

DESCRIPTION
The 74F821 series bus interface registers are designed to eliminate the extra packages required to buffer existing registers and provide extra data width for wider data/address paths of busses carrying parity.

FEATURES
• High speed parallel registers with positive edge-triggered D-type flip-flops
• High performance bus interface buffering for wide data/address paths or busses carrying parity
• High impedance PNP base inputs for reduced loading (20µA in high and low states)
• IIL is 20µA vs 1000µA for AM29821 series
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in as required with MOS microprocessor
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• Slim Dip 300 mil package
• Broadside pinout compatible with AMD AM 29821-29826 series
• Outputs sink 64mA and source 24mA
• Industrial temperature range available (–40°C to +85°C) for 74F823




Similar Part No. - 74F821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F821 NSC-74F821 Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
10-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
59Kb / 6P
10-Bit D-Type Flip-Flop
logo
National Semiconductor ...
74F821SC NSC-74F821SC Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F821SC FAIRCHILD-74F821SC Datasheet
49Kb / 6P
10-Bit D-Type Flip-Flop
More results


Similar Description - 74F821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Texas Instruments
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
OCTAL BUS TRANSCEIVERS AND REGISTERS
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
Octal-Bus Transceiver/Registers
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com