Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F821
Description  Bus interface registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F821 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F821 Datasheet HTML 1Page - NXP Semiconductors 74F821 Datasheet HTML 2Page - NXP Semiconductors 74F821 Datasheet HTML 3Page - NXP Semiconductors 74F821 Datasheet HTML 4Page - NXP Semiconductors 74F821 Datasheet HTML 5Page - NXP Semiconductors 74F821 Datasheet HTML 6Page - NXP Semiconductors 74F821 Datasheet HTML 7Page - NXP Semiconductors 74F821 Datasheet HTML 8Page - NXP Semiconductors 74F821 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
3
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
74F821
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F822
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F823
CE
Clock enable input (active low)
1.0/3.0
20
µA/1.8mA
74F824
MR
Master reset input (active low)
1.0/3.0
20
µA/1.8mA
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
CP
Clock input
1.0/1.0
20
µA/0.6mA
74F825
CE
Clock enable input (active low)
1.0/3.0
20
µA/1.8mA
74F826
MR
Master reset input (active low)
1.0/3.0
20
µA/1.8mA
OE
Output enable input (active low)
1.0/3.0
20
µA/1.8mA
Qn, Qn
Data outputs
1200/106.7
24mA/64mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION – 74F821
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
GND
OE
CP
Q0
Q3
Q4
Q5
Q6
VCC
Q7
Q1
Q2
Q8
Q9
D0
D3
D4
D5
D6
D7
D1
D2
D8
D9
SF00482
LOGIC SYMBOL – 74F821
CP
OE
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
13
1
D0 D1 D2 D3 D4 D5 D6 D7
23
45
67
8
9
23
22
21
20
19
18
17
16
VCC = Pin 24
GND = Pin 12
D8 D9
10
11
Q8 Q9
15
14
SF00483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com