Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74F821
Description  Bus interface registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F821 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74F821 Datasheet HTML 9Page - NXP Semiconductors 74F821 Datasheet HTML 10Page - NXP Semiconductors 74F821 Datasheet HTML 11Page - NXP Semiconductors 74F821 Datasheet HTML 12Page - NXP Semiconductors 74F821 Datasheet HTML 13Page - NXP Semiconductors 74F821 Datasheet HTML 14Page - NXP Semiconductors 74F821 Datasheet HTML 15Page - NXP Semiconductors 74F821 Datasheet HTML 16Page - NXP Semiconductors 74F821 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
13
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
tPHL
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPHL
tw(L)
tPLH
Qn
VM
VM
Qn
tPLH
SF00506
Waveform 1.
Propagation delay for clock input to output,
clock pulse width, and maximum clock frequency
VM
VM
VM
trec
tPHL
MR
CP
Qn, Qn
VM
tw(L)
SF00507
Waveform 2.
Master reset pulse width, master reset to output
delay and master reset to clock recovery time
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
Dn, CE
CP
SF00508
Waveform 3.
Data setup time and hold times
VM
VM
VM
tPHZ
tPZH
OEn
VOH -0.3V
0V
Qn, Qn
SF00509
Waveform 4.
3-State output enable time to high level and
output disable time from high level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
3.5V
OEn
Qn, Qn
SF00510
Waveform 5.
3-State output enable time to low level and
output disable time from low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com