Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F821 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F821
Description  Bus interface registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F821 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F821 Datasheet HTML 5Page - NXP Semiconductors 74F821 Datasheet HTML 6Page - NXP Semiconductors 74F821 Datasheet HTML 7Page - NXP Semiconductors 74F821 Datasheet HTML 8Page - NXP Semiconductors 74F821 Datasheet HTML 9Page - NXP Semiconductors 74F821 Datasheet HTML 10Page - NXP Semiconductors 74F821 Datasheet HTML 11Page - NXP Semiconductors 74F821 Datasheet HTML 12Page - NXP Semiconductors 74F821 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
9
LOGIC DIAGRAM FOR 74F826
VCC = Pin 24
GND = Pin 12
D0
D
R
Q
Q0
D1
Q1
3
22
D2
Q2
4
21
D3
Q3
5
20
D4
Q4
6
19
D5
Q5
7
18
D6
Q6
8
17
D7
Q7
9
16
10
15
CP
CE
14
11
MR
1
OE0
SF00505A
13
CP
2
23
OE1
OE2
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
D
R
Q
CP
FUNCTION TABLE FOR 74F825 AND 74F826
INPUTS
OUTPUTS
INPUTS
74F825
74F826
OPERATING MODE
OEn
MR
CE*
CP
Dn
Q
Q
L
L
X
X
X
L
L
Clear
L
H
L
↑
h
H
L
Load and read data
L
H
L
↑
l
L
H
Load and read data
L
H
H
X
X
NC
NC
Hold
H
X
X
X
X
Z
Z
High impedance
H = High-voltage level
h
= High state must be present one setup time before the low-to-high clock transition
L
= Low-voltage level
l
= Low state must be present one setup time before the low-to-high clock transition
NC= No change
X = Don’t care
Z = High impedance “off” state
*
= Since CE input is sensitive to very short (<3ns) high-to-low-to-high going spikes while CP is high, users should avoid the use of decoders
or other potentially glitch prone device on the CE input.
↑ = Low-to-high clock transition
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
128
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free-air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com