Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ2025 Datasheet (PDF) - List of Unclassifed Manufacturers

SJ2025 Datasheet PDF - List of Unclassifed Manufacturers
Part # SJ2025
Download  SJ2025 Download
File Size   207.79 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Special amplifier circuit for multimedia speakers

SJ2025 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ2025 Datasheet PDF - List of Unclassifed Manufacturers

Part # SJ2025
Download  SJ2025 Click to download

File Size   207.79 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Special amplifier circuit for multimedia speakers

SJ2025 Datasheet (HTML) - List of Unclassifed Manufacturers


SJ2025 Product details

Features
The working power supply voltage range is 3~13V;
Its output power is large:
Stereo: Po=2.5W(Typ) at Vcc=9V, RL=4Ω
Bridge: Po=4.5W(Typ) at Vcc=9V, RL=8Ω
Adopt dual in-line 16-pin plastic package (DIP16);
In addition, it also has the characteristics of less external components, high channel separation, less blasting noise, and voltage gain can be adjusted by external resistors.




Similar Part No. - SJ2025

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
SJ200 ARIES-SJ200 Datasheet
203Kb / 1P
040 [1.02] Shorting Plugs and Jacks
SJ2000 ARIES-SJ2000 Datasheet
1Mb / 1P
Shorting Plugs and Jacks
More results


Similar Description - SJ2025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5284 PHILIPS-SAA5284 Datasheet
159Kb / 24P
Multimedia video data acquisition circuit
1998 Feb 05
logo
Texas Instruments
TPA2100P1 TI-TPA2100P1 Datasheet
949Kb / 23P
19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
logo
Unisonic Technologies
ULN2008 UTC-ULN2008 Datasheet
197Kb / 5P
DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
ULN2010 UTC-ULN2010 Datasheet
200Kb / 5P
DRIVER CIRCUIT SPECIAL PURPOSE FOR MICROWAVE OVEN
logo
Shenzhen Titan Micro El...
TM1638 TITAN-TM1638 Datasheet
1Mb / 18P
Special circuit for LED drive control
logo
Shenzhen Putianhe Techn...
TM1721 PTH-TM1721 Datasheet
729Kb / 23P
LCD Driver control special circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com