Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3218M/024MY Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F3218M/024MY Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F3218M/024MY
Download  SH79F3218M/024MY Download
File Size   1541.04 Kbytes
Page   143 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM

SH79F3218M/024MY Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F3218M/024MY Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F3218M/024MY
Download  SH79F3218M/024MY Click to download

File Size   1541.04 Kbytes
Page   143 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description 8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM

SH79F3218M/024MY Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F3218M/024MY Product details

1. Features
 8bits micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 32K Bytes (Rub/write 10000 times)
 RAM: internal RAM 256 Bytes, external 1280 Bytes, LED RAM 28 Bytes, Touch key RAM 16 Bytes
 EEPROM-like: 1024 Bytes (Rub/write 100000 times)
 Operation Voltage:
- fOSC = 2MHz - 12MHz, VDD = 2.7V - 5.5V
 Oscillator (code option):
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 2MHz - 12MHz
- Ceramic oscillator: 2MHz - 12MHz
- Internal RC: 16.6MHz (TA = +25°C, ±1%), (TA = -40°C +85°C, ±2%)
- Internal RC: 128KHz (±10%)
 24pin: 22 CMOS bi-directional I/O pins
 Built-in pull-up resistor for input pin (Typical value 30K)
 Seven big current driver I/O
(7 common-cathode/common-anode LED)
 Four sink current driver I/O (P0.1 - P0.4)
 Five 16-bit timer/counters T0, T1, T2, T3, T4
 Two 12 Bit PWM
 Powerful interrupt sources:
- Timer 0, 1, 2, 3, 4
- INT40, INT45 - NT47
- INT30 - INT32
- INT2
- EUART, TWI, SCM, LPD
- PWM1, 2, TOUCH, CRC
 8 channels Touch Key input
 EUART with Baud-rate generator
 TWI
 LED driver
(7COM common-cathode/common-anode LED)
- 7 X 13 dots
 LPD
- LPD voltage: 2.8V - 4.2V
 Low Voltage Reset (LVR) function (enabled by code option)
- LVR Voltage 1: 3.7V
- LVR Voltage 2: 3.1V
- LVR Voltage 3: 2.8V
 CPU Machine cycle: 1 oscillator clock
 Watch Dog Timer (WDT)
 Warm-up Timer
 CRC verify module (CRC)
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Flash Type
 Package:
- SOP24
- SOP28




Similar Part No. - SH79F3218M/024MY

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F3212 SINOWEALTH-SH79F3212 Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/020MU SINOWEALTH-SH79F3212M/020MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/028MU SINOWEALTH-SH79F3212M/028MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212W SINOWEALTH-SH79F3212W Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
More results


Similar Description - SH79F3218M/024MY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
8-bit Microcontroller Compatible with 8051 Products
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
8-bit Microcontroller Compatible with 8051 Products
logo
Nuvoton Technology Corp...
ML51 NUVOTON-ML51_V01 Datasheet
2Mb / 164P
1T 8051 8-bit Microcontroller
logo
SINOWEALTH Electronic L...
SH79F082 SINOWEALTH-SH79F082 Datasheet
2Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC and PWM
2.1 Jul. 2011
SH79F1622 SINOWEALTH-SH79F1622 Datasheet
1Mb / 124P
8051 Microcontroller with 20 channels Touch-key input and TONE
V2.2
SH79F3212 SINOWEALTH-SH79F3212 Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com