Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/044PR Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F3283P/044PR Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F3283P/044PR
Download  SH79F3283P/044PR Download
File Size   1612.83 Kbytes
Page   144 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 12bit ADC

SH79F3283P/044PR Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F3283P/044PR Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F3283P/044PR
Download  SH79F3283P/044PR Click to download

File Size   1612.83 Kbytes
Page   144 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 12bit ADC

SH79F3283P/044PR Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F3283P/044PR Product details

1. Features
 8bits micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 32K Bytes
 RAM: internal 256 Bytes, external 1280 Bytes, LCD RAM: 28 Bytes
 EEPROM-like: 1024 Bytes
 Operation Voltage:
fOSC = 32.768kHz - 16MHz, VDD = 2.0V - 5.5V
 Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 2MHz - 16MHz
- Ceramic oscillator: 2MHz - 16MHz
- Internal RC: 12MHz (±2%)/128K
 46/42/30 CMOS bi-directional I/O pins
 Built-in pull-up resistor for input pin
 Four 16-bit timer/counters: T2, T3, T4 and T5
 One 12-bit PWM
 One 8-bit PWM
 Powerful interrupt sources:
- Timer2, 3, 4, 5
- INT0, 1, 2, 3
- INT40 - INT47
- ADC, EUART, SCM, LPD
- PWM, SPI
 EUART0, EUART1 (No EUART1 in 32 PIN package)
 SPI Interface (Master/Slave Mode)
 Buzzer
 9 channels 12-bits Analog Digital Converter (ADC), with comparator function built-in
 LED driver:
- 3-8 X 8 dots (1/3 - 1/8 duty)
 LCD driver:
- 8 X 24 dots (1/8 duty, 1/4 bias)
- 6 X 26 dots (1/6 duty, 1/4 or 1/3 bias)
- 5 X 27 dots (1/5 duty, 1/3 bias)
- 4 X 28 dots (1/4 duty, 1/3 bias)
 Low Voltage Reset (LVR) function (enabled by code option)
- LVR voltage level 1: 4.1V
- LVR voltage level 2: 3.7V
- LVR voltage level 3: 2.8V
- LVR voltage level 4: 2.1V
 CRC verify module built-in, check size is optional
 Support SWE simulation, write and read
 CPU Machine cycle: 1 oscillator clock
 Watch Dog Timer (WDT)
 Warm-up Timer
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Flash Type
 Package: TQFP48/LQFP44/LQFP32




Similar Part No. - SH79F3283P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F3212 SINOWEALTH-SH79F3212 Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/020MU SINOWEALTH-SH79F3212M/020MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/028MU SINOWEALTH-SH79F3212M/028MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212W SINOWEALTH-SH79F3212W Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
More results


Similar Description - SH79F3283P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M084B SINOWEALTH-SH79M084B Datasheet
987Kb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com