Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F3283P/044PR Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH79F3283P/044PR
Description  Enhanced 8051 Microcontroller with 12bit ADC
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F3283P/044PR Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH79F3283P/044PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F3283P/044PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
SH79F3283
Enhanced 8051 Microcontroller with 12bit ADC
1
V2.0
1.
Features
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 32K Bytes
RAM: internal 256 Bytes, external 1280 Bytes, LCD
RAM: 28 Bytes
EEPROM-like: 1024 Bytes
Operation Voltage:
fOSC = 32.768kHz - 16MHz, VDD = 2.0V - 5.5V
Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 2MHz - 16MHz
- Ceramic oscillator: 2MHz - 16MHz
- Internal RC: 12MHz (±2%)/128K
46/42/30 CMOS bi-directional I/O pins
Built-in pull-up resistor for input pin
Four 16-bit timer/counters: T2, T3, T4 and T5
One 12-bit PWM
One 8-bit PWM
Powerful interrupt sources:
- Timer2, 3, 4, 5
- INT0, 1, 2, 3
- INT40 - INT47
- ADC, EUART, SCM, LPD
- PWM, SPI
EUART0, EUART1 (No EUART1 in 32 PIN package)
SPI Interface (Master/Slave Mode)
Buzzer
9 channels 12-bits Analog Digital Converter
(ADC), with comparator function built-in
LED driver:
- 3-8 X 8 dots (1/3 - 1/8 duty)
LCD driver:
- 8 X 24 dots (1/8 duty, 1/4 bias)
- 6 X 26 dots (1/6 duty, 1/4 or 1/3 bias)
- 5 X 27 dots (1/5 duty, 1/3 bias)
- 4 X 28 dots (1/4 duty, 1/3 bias)
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.1V
- LVR voltage level 2: 3.7V
- LVR voltage level 3: 2.8V
- LVR voltage level 4: 2.1V
CRC verify module built-in, check size is optional
Support SWE simulation, write and read
CPU Machine cycle: 1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Flash Type
Package: TQFP48/LQFP44/LQFP32
2.
General Description
The SH79F3283 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH79F3283 can perform more fast operation speed and higher calculation performance, if compare
SH79F3283 with standard 8051 at same clock speed.
The SH79F3283 retains most features of the standard 8051. These features include internal 256 bytes RAM, UART and INT0,
INT1, INT2 and INT3. In addition, the SH79F3283 provides external 1280 bytes RAM, Four 16-bit timer/counters T2-T5. It also
contains 32K bytes Flash memory block both for program and data.
Also the ADC, EUART, SPI, LCD Driver, PWM timer and CRC module functions are incorporated in SH79F3283.
For high reliability and low power consumption, the SH79F3283 builds in Watchdog Timer, Low Voltage Reset function and
SCM function. And SH79F3283 also supports two power saving modes to reduce power consumption.


Similar Part No. - SH79F3283P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F3212 SINOWEALTH-SH79F3212 Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/020MU SINOWEALTH-SH79F3212M/020MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212M/028MU SINOWEALTH-SH79F3212M/028MU Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3212W SINOWEALTH-SH79F3212W Datasheet
1Mb / 152P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM and 12 Bit ADC
V2.4
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
More results

Similar Description - SH79F3283P/044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M084B SINOWEALTH-SH79M084B Datasheet
987Kb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com