Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1812 Datasheet (PDF) - Renesas Technology Corp

IW1812 Datasheet PDF - Renesas Technology Corp
Part # IW1812
Download  IW1812 Download
File Size   1190.79 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP

IW1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1812 Datasheet PDF - Renesas Technology Corp

Part # IW1812
Download  IW1812 Click to download

File Size   1190.79 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP

IW1812 Datasheet (HTML) - Renesas Technology Corp


IW1812 Product details

● Primary-side feedback eliminates opto-isolators and
simplifies design
● Internal 800V bipolar junction transistor (BJT)
● 64kHz PWM switching frequency
● No-load power consumption < 30mW at 230VAC with
typical application circuit
● Fast dynamic load response for both one-time and
repetitive load transients
● Adaptive multi-mode PWM/PFM control improving
efficiency
● Quasi-resonant operation for highest overall
efficiency
● Ultra-low start-up current (1.7μA typical)
● EZ-EMI® design to easily meet global EMI standards
● Dynamic BJT base drive current control
● Very tight constant voltage and constant current
regulation with primary-side-only feedback
● No external compensation components required
● Complies with EPA 2.0 energy-efficiency
specifications with ample margin
● Built-in soft start
● Built-in short-circuit protection and output over-voltage
protection
● Built-in current-sense-resistor short-circuit protection
● Built-in over-temperature protection (OTP)
● No audible noise over entire operating range




Similar Part No. - IW1812

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1812 DIALOG-IW1812 Datasheet
823Kb / 17P
Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP
IW1812-20 DIALOG-IW1812-20 Datasheet
823Kb / 17P
Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP
More results


Similar Description - IW1812

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1810 DIALOG-IW1810 Datasheet
1Mb / 13P
Off-Line Digital Green-Mode PWM Controller Integrated
IW1812 DIALOG-IW1812 Datasheet
823Kb / 17P
Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP
IW1816 DIALOG-IW1816 Datasheet
865Kb / 18P
Off-Line Digital Green-Mode PWM Controller Integrated
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
IW1810 RENESAS-IW1810 Datasheet
1Mb / 6P
Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT
30-Jan-2022
IW1816 RENESAS-IW1816 Datasheet
1Mb / 18P
Off-Line Digital Green-Mode PWM Controller Integrated with Power BJT and OTP
30-Jan-2022
IW1818 RENESAS-IW1818 Datasheet
626Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power BJT
30-Jan-2022
IW1830 RENESAS-IW1830 Datasheet
603Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power MOSFET
30-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com