Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1819 Datasheet (PDF) - Renesas Technology Corp

IW1819 Datasheet PDF - Renesas Technology Corp
Part # IW1819
Download  IW1819 Download
File Size   1532.81 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT

IW1819 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1819 Datasheet PDF - Renesas Technology Corp

Part # IW1819
Download  IW1819 Click to download

File Size   1532.81 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 800V Power BJT

IW1819 Datasheet (HTML) - Renesas Technology Corp


IW1819 Product details

■ Optimized for 12V/1.5A AC/DC adapters with
< 30mW no-load power consumption at 230VAC and
fast dynamic response
■ AccuSwitch™ technology − integrated 800V bipolar
junction transistor (BJT)
■ Adaptively controlled soft-start enables fast and
smooth start-up for a wide range of capacitive loads
(from 330μF to 6,000μF)
■ Very tight constant voltage and constant current
regulation over entire operating range
■ PrimAccurate™ primary-side feedback eliminates
optocoupler and simplifies design
■ EZ-EMI™ design enhances manufacturability
■ Intrinsically low common mode noise
■ Optimized 72kHz maximum PWM switching
frequency achieves best size and efficiency
■ Adaptive multi-mode PWM/PFM control improves
efficiency
■ Quasi-resonant operation for highest overall efficiency
■ Dynamic base current control
■ No external loop compensation components required
■ Built-in single-point protections against output shortcircuit,
output low impedance, and output overvoltage
■ Built-in over-temperature protection (OTP)
■ No audible noise over entire operating range




Similar Part No. - IW1819

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1819 DIALOG-IW1819 Datasheet
407Kb / 6P
18W AccuSwitchTM Quasi-Resonant PWM Controller
More results


Similar Description - IW1819

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
logo
Fairchild Semiconductor
AN-6300 FAIRCHILD-AN-6300 Datasheet
565Kb / 13P
Highly Integrated Quasi-Resonant PWM Controller
logo
Dialog Semiconductor
IW1819 DIALOG-IW1819 Datasheet
407Kb / 6P
18W AccuSwitchTM Quasi-Resonant PWM Controller
IW1820 DIALOG-IW1820 Datasheet
409Kb / 6P
15W AccuSwitchTM Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Renesas Technology Corp
IW1818 RENESAS-IW1818 Datasheet
626Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller Integrated with Power BJT
30-Jan-2022
IW1820 RENESAS-IW1820 Datasheet
1Mb / 22P
15W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated Power BJT for 5V Applications
10-Feb-2022
IW1821 RENESAS-IW1821 Datasheet
506Kb / 6P
12W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 1200V Power BJT
10-Feb-2022
IW1822 RENESAS-IW1822 Datasheet
478Kb / 6P
18W AccuSwitchTM Quasi-Resonant PWM Controller with Integrated 900V Power BJT
10-Feb-2022
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com