Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU1064DYYY Datasheet (PDF) - Lumics GmbH

LU1064DYYY Datasheet PDF - Lumics GmbH
Part # LU1064DYYY
Download  LU1064DYYY Download
File Size   928.08 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU1064Dyyy Diode Laser with up to 65 W at 1064nm

LU1064DYYY Datasheet (PDF)

Go To PDF Page Download Datasheet
LU1064DYYY Datasheet PDF - Lumics GmbH

Part # LU1064DYYY
Download  LU1064DYYY Click to download

File Size   928.08 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU1064Dyyy Diode Laser with up to 65 W at 1064nm

LU1064DYYY Datasheet (HTML) - Lumics GmbH


LU1064DYYY Product details

Description:
The Lumics LuOcean Mini 4 diode laser series offers OEM integrators
an excellent product to manufacture state-of-the-art end-user laser
systems.
The easy integration and safe use of these laser components in combi-
nation with several accessories and features give the chance to be cost-
efficient in development and manufacturing.

Features & Functions:
Wavelength 1064nm
(105/200/400/600)µm NA 0.22 fiber
Emitter electrically in series
Temperature sensor




Similar Part No. - LU1064DYYY

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU1064C LUMICS-LU1064C Datasheet
685Kb / 3P
LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
2018-08-20
LU1064C230 LUMICS-LU1064C230 Datasheet
685Kb / 3P
LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
2018-08-20
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU1064T100 LUMICS-LU1064T100 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 10W Operation Power @ 1064nm
2018-08-14
More results


Similar Description - LU1064DYYY

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0785DXXX-U-1 LUMICS-LU0785DXXX-U-1 Datasheet
927Kb / 3P
LU0785Dyyy Diode Laser with up to 25 W at 785nm
2020-11-04
LU0808DXXX-U LUMICS-LU0808DXXX-U Datasheet
928Kb / 3P
LU0808Dyyy Diode Laser with up to 33 W at 808nm
2020-11-04
LU09XXDXXX-U LUMICS-LU09XXDXXX-U Datasheet
927Kb / 3P
LU09xxDyyy Diode Laser with up to 70 W at 9xxnm
2020-11-04
LU1064T070 LUMICS-LU1064T070 Datasheet
261Kb / 2P
Industrial Laser Diode Up to 7w Operation Power @ 1064nm
2018-06-14
LU1064T100 LUMICS-LU1064T100 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 10W Operation Power @ 1064nm
2018-08-14
LU1470DXXX-U LUMICS-LU1470DXXX-U Datasheet
927Kb / 3P
LU1470Dyyy Diode Laser with up to 22 W at 1470nm
2020-11-04
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
Diode Laser @ 1940 nm up to 14 W
2020-11-10
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com