Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUXXXCYYY Datasheet (PDF) - Lumics GmbH

LUXXXCYYY Datasheet PDF - Lumics GmbH
Part # LUXXXCYYY
Download  LUXXXCYYY Download
File Size   336.58 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Diode Laser @ 760 nm - 1470 nm up to 270 W

LUXXXCYYY Datasheet (PDF)

Go To PDF Page Download Datasheet
LUXXXCYYY Datasheet PDF - Lumics GmbH

Part # LUXXXCYYY
Download  LUXXXCYYY Click to download

File Size   336.58 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Diode Laser @ 760 nm - 1470 nm up to 270 W

LUXXXCYYY Datasheet (HTML) - Lumics GmbH


LUXXXCYYY Product details

Description:
The Lumics LuOcean P2 diode laser series offers OEM
integrators an excellent product to manufacture state-of-
the-art end-user laser systems.
The easy integration and safe use of these laser components
in combination with several accessories and features give
the chance to be cost-efficient in development and
manufacturing.

Features & Functions:
Up to four wavelengths
(105/200/400) µm NA 0.22 fiber
Emitter electrically in series
Temperature sensor
Controllable pilot intensity




Similar Part No. - LUXXXCYYY

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LUXXXXAYYY LUMICS-LUXXXXAYYY Datasheet
387Kb / 3P
Diode Laser @ 670nm - 1940nm up to 830W
2021-06-28
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Similar Description - LUXXXCYYY

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-1470-DFB2.5-PD-SFC SOURCE-C-1470-DFB2.5-PD-SFC Datasheet
537Kb / 3P
1470 nm Series 2.5 Gbps CWDM Laser Diode Modules
logo
Lumics GmbH
LU0808 LUMICS-LU0808 Datasheet
685Kb / 3P
LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
2018-08-20
LU09XX LUMICS-LU09XX Datasheet
686Kb / 3P
LU09xx/1470C Diode Laser Mixed Wavelength up to 115 W @ 9xxnm and 35 W @ 1470 nm
2018-08-20
LU09XXC270 LUMICS-LU09XXC270 Datasheet
686Kb / 3P
LU09xxC Diode Laser Up to 270 W c.w. Operating Power @ 940 nm or 976 nm
2021-02-16
LU1064C230 LUMICS-LU1064C230 Datasheet
685Kb / 3P
LU1064C Diode Laser Up to 230 W c.w. Operating Power @ 1064 nm
2018-08-20
LU1470C075 LUMICS-LU1470C075 Datasheet
685Kb / 3P
LU1470C Diode Laser Up to 75 W c.w. Operating Power @ 1470 nm
2018-08-20
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
Diode Laser @ 1940 nm up to 14 W
2020-11-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com