Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUXXXXAYYY Datasheet (PDF) - Lumics GmbH

LUXXXXAYYY Datasheet PDF - Lumics GmbH
Part # LUXXXXAYYY
Download  LUXXXXAYYY Download
File Size   387.96 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Diode Laser @ 670nm - 1940nm up to 830W

LUXXXXAYYY Datasheet (PDF)

Go To PDF Page Download Datasheet
LUXXXXAYYY Datasheet PDF - Lumics GmbH

Part # LUXXXXAYYY
Download  LUXXXXAYYY Click to download

File Size   387.96 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description Diode Laser @ 670nm - 1940nm up to 830W

LUXXXXAYYY Datasheet (HTML) - Lumics GmbH


LUXXXXAYYY Product details

Description:
This LuOcean™ M4 Diode Laser offers an
excellent product to manufacture state-of-
the-art end user laser systems. The easy
integration and safe use of these laser
components give the chance to be cost-
efficient in development and manufacturing.
Equipped with several accessories and features
the Lumics diode lasers comply with CE &
ROHS requirements. Lumics warranties highest
reliability single emitter technology through
careful design, extensive burn-in, long life-
time & thermal testing.

Features & Functions:
Up to three wavelengths
200µm - 1000µm NA 0.22 fiber
Emitter electrically in series
Temperature sensor
Pilot intensity (voltage controlled)
Water supply for fiber connector
Humidity Sensor included




Similar Part No. - LUXXXXAYYY

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Similar Description - LUXXXXAYYY

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1332V SONY-SLD1332V Datasheet
81Kb / 3P
670nm, 500mW LASER DIODE
logo
DB Lectro Inc
6750-7241-AU DBLECTRO-6750-7241-AU Datasheet
78Kb / 1P
670nm 5 mW Laser Diodes AUTO PACKAGE
logo
Lumics GmbH
LU0785T040 LUMICS-LU0785T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 785nm
2018-06-14
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T070 LUMICS-LU0808T070 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 7W Operation Power @ 808nm
2018-08-14
LU09XXT090 LUMICS-LU09XXT090 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 9W Operation Power
2020-10-20
LU1064T100 LUMICS-LU1064T100 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 10W Operation Power @ 1064nm
2018-08-14
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
Diode Laser @ 1940 nm up to 14 W
2020-11-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com