Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO621WTR Datasheet (PDF) - STMicroelectronics

STISO621WTR Datasheet PDF - STMicroelectronics
Part # STISO621WTR
Download  STISO621WTR Download
File Size   398.87 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel digital isolator

STISO621WTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STISO621WTR Datasheet PDF - STMicroelectronics

Part # STISO621WTR
Download  STISO621WTR Click to download

File Size   398.87 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel digital isolator

STISO621WTR Datasheet (HTML) - STMicroelectronics


STISO621WTR Product details

Features
• Dual channel, digital isolator with 1 – 1 channel directionality
• High data rate up to 100 Mbps
• Wide Ta range operation: - 40ºC to 125ºC
• High common-mode transient: >50k V/μs
• From 3 V to 5.5 V supply levels
• 3.3 V and 5 V level translation
• Low power consumption
• Pulse width distortions < 3 ns
• 6k V Galvanic isolation
• SO8 narrow and wide package options

Description
The STISO621 are dual-channel digital isolators based on the ST thick oxide
galvanic isolation technology.
The devices provide two independent channels in opposite direction with Schmitt
trigger input, providing robustness to noise and high speed input/output switching
time.

Application
• Optocoupler replacement in industrial application
• Industrial field bus isolation
• Battery monitor and motor drive
• Size-critical multichannel isolation




Similar Part No. - STISO621WTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STISO621WTR STMICROELECTRONICS-STISO621WTR Datasheet
434Kb / 21P
Dual channel digital isolator
19-Oct-2022
More results


Similar Description - STISO621WTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
STMicroelectronics
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com