Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620 Datasheet (PDF) - STMicroelectronics

STISO620 Datasheet PDF - STMicroelectronics
Part # STISO620
Download  STISO620 Download
File Size   609.44 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel digital isolator

STISO620 Datasheet (PDF)

Go To PDF Page Download Datasheet
STISO620 Datasheet PDF - STMicroelectronics

Part # STISO620
Download  STISO620 Click to download

File Size   609.44 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel digital isolator

STISO620 Datasheet (HTML) - STMicroelectronics


STISO620 Product details

Features
• Dual channel digital isolator with 2 – 0 channel directionality
• High data rate up to 100 Mbps
• Wide Tamb range operation:- 40ºC to 125ºC
• High common-mode transient immunity
• From 3 V to 5.5 V supply levels
• Available in 8-pin SOIC narrow-body
• Low power consumption
• Pulse width distortions < 3ns
• Galvanic isolation
• Safety and regulatory approvals
– UL1577 certified (VISO = 4kV pk), file number: E362869

Application
• Optocoupler replacement in industrial application
• Industrial field bus isolation
• Battery monitor and motor drive
• Size-critical multichannel isolation

Description
The STISO620 is a dual-channel digital isolator based on the ST thick oxide galvanic
isolation technology. The device provides two independent channels in the same
direction with Schmitt trigger input, providing robustness to noise and high speed
input/output switching time.




Similar Part No. - STISO620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO621 STMICROELECTRONICS-STISO621 Datasheet
434Kb / 21P
Dual channel digital isolator
19-Oct-2022
STISO621TR STMICROELECTRONICS-STISO621TR Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO621TR STMICROELECTRONICS-STISO621TR Datasheet
434Kb / 21P
Dual channel digital isolator
19-Oct-2022
STISO621W STMICROELECTRONICS-STISO621W Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
More results


Similar Description - STISO620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL711 ETC1-IL711 Datasheet
124Kb / 7P
Dual Digital Isolator
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Texas Instruments
ISO7221C-HT TI1-ISO7221C-HT Datasheet
465Kb / 16P
DUAL DIGITAL ISOLATOR
ISO7420FCC TI1-ISO7420FCC Datasheet
1,009Kb / 21P
Low-Power Dual Channel Digital Isolator
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
STMicroelectronics
EVALSTISO62XV1 STMICROELECTRONICS-EVALSTISO62XV1 Datasheet
509Kb / 6P
Dual channel digital isolator evaluation board
26-Nov-2020
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com