Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STISO620
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620 Datasheet(HTML) 3 Page - STMicroelectronics

  STISO620 Datasheet HTML 1Page - STMicroelectronics STISO620 Datasheet HTML 2Page - STMicroelectronics STISO620 Datasheet HTML 3Page - STMicroelectronics STISO620 Datasheet HTML 4Page - STMicroelectronics STISO620 Datasheet HTML 5Page - STMicroelectronics STISO620 Datasheet HTML 6Page - STMicroelectronics STISO620 Datasheet HTML 7Page - STMicroelectronics STISO620 Datasheet HTML 8Page - STMicroelectronics STISO620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Test Condition
Value
Unit
VDDX
Supply voltage (each side)
-0.3 to 5.5
V
VIN
Logic input voltage
-0.3 to 5.5
V
IO
Output current
5
mA
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-50 to 150
°C
2.2
Electrical sensitivity
Table 2. ESD protection ratings
Symbol
Parameter
Test Condition
Class
Value
Unit
HBM
Human Body Model
Conforming to ANSI/ESDA/JEDEC JS-001-2014
+/- 2
kV
CDM
Charge Device Model
All pins
Conforming to ANSI/ESDA/JEDEC JS-002-2014
+/- 1000
V
MM
Machine Model
Conforming to EIA/JESD22-A115-C
+/- 200
V
2.3
Recommended operating conditions
Table 3. Recommended operating conditions
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDDX
Supply voltage (each side)
3
5.5
V
VIN
Logic input voltage
0
5
V
Tamb
Ambient temperature
-40
125
°C
2.4
Electrical characteristics
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDDXon
VDDX on threshold
VDDX rising
from 2 V to 3 V
2.75
V
VDDXhyst
VDDX off hysteresis
VDDX falling from 5 V
0.2
V
IDD1
Supply current (TX
side)
DC
0.66
0.72
mA
10 Mbps,
50 % duty cycle,
CL = 20 pF,
VDD1 = 2.75 V
1.6
3
STISO620
Electrical data
DS14110 - Rev 2
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com