Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STISO620
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STISO620 Datasheet HTML 5Page - STMicroelectronics STISO620 Datasheet HTML 6Page - STMicroelectronics STISO620 Datasheet HTML 7Page - STMicroelectronics STISO620 Datasheet HTML 8Page - STMicroelectronics STISO620 Datasheet HTML 9Page - STMicroelectronics STISO620 Datasheet HTML 10Page - STMicroelectronics STISO620 Datasheet HTML 11Page - STMicroelectronics STISO620 Datasheet HTML 12Page - STMicroelectronics STISO620 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
6
Device description
The STISO620 is a dual high-speed isolated communication channel. It integrates two channels in the same
direction and provides low levels of pulse width distortion in the full operation range.
6.1
Device operation
The device operation is described in the following table:
Table 8. Device operation table
VDD1
VDD2
Tx
Rx
Above UVLO
Above UVLO
H
H
L
L
Below UVLO
Above UVLO
X
L(1)
Above UVLO
Below UVLO
X
Tri-state
Below UVLO
Below UVLO
X
Tri-state
1. Safe state imposed by default.
When both sides of the device are powered (above UVLO threshold), the device operates as an isolated buffer
between the Tx input, and the respective Rx output (see Figure 3).
Figure 3. Timing diagram
TXinput
RXoutput
VDD
TX/ 3
VDD
RX/ 2
VDD
RX/ 2
90 %
10 %
90 %
10 %
t
DLH
t
r
t
W
t
W
1/f
IN
t
f
t
DHL
STISO620
Device description
DS14110 - Rev 2
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com