Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STISO620
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620 Datasheet(HTML) 5 Page - STMicroelectronics

  STISO620 Datasheet HTML 1Page - STMicroelectronics STISO620 Datasheet HTML 2Page - STMicroelectronics STISO620 Datasheet HTML 3Page - STMicroelectronics STISO620 Datasheet HTML 4Page - STMicroelectronics STISO620 Datasheet HTML 5Page - STMicroelectronics STISO620 Datasheet HTML 6Page - STMicroelectronics STISO620 Datasheet HTML 7Page - STMicroelectronics STISO620 Datasheet HTML 8Page - STMicroelectronics STISO620 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tf
Output fall time
CL = 20 pF
Tamb = 25 °C
See Figure 3
2
ns
tDHL
Propagation delay H
to L
Tamb = 25°C
See Figure 3
25
ns
Full temperature range
42
tDLH
Propagation delay L
to H
Tamb = 25°C
See Figure 3
25
ns
Full temperature range
42
tPOWUP
Power up time
30
µs
tREFRESH
Refresh time
1
2
µs
tWD
Watchdog timeout
2
8
µs
PWD
Pulse width
distortion
|tDHL – tDLH|
Tamb = 25°C
1.7
2.6
ns
Full temperature range
3
CMTI
Common mode
transient immunity
(1)
50
65
kV/µs
1. Not tested in production. Limit is guaranteed by characterization on a limited number of samples and simulations.
Note:
Testing conditions: Typical values are defined at Tamb = 25°C and VDD1 = VDD2 = 3 V, minimum and
maximum limits applies to the full temperature range (Tested in production at Tamb = 25°C and the
limits in the full temperature range are guaranteed by characterization on a limited quantity of samples),
unless otherwise specified.
STISO620
Electrical characteristics
DS14110 - Rev 2
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com