Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO620 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STISO620
Description  Dual channel digital isolator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO620 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STISO620 Datasheet HTML 7Page - STMicroelectronics STISO620 Datasheet HTML 8Page - STMicroelectronics STISO620 Datasheet HTML 9Page - STMicroelectronics STISO620 Datasheet HTML 10Page - STMicroelectronics STISO620 Datasheet HTML 11Page - STMicroelectronics STISO620 Datasheet HTML 12Page - STMicroelectronics STISO620 Datasheet HTML 13Page - STMicroelectronics STISO620 Datasheet HTML 14Page - STMicroelectronics STISO620 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
7
Characterization graphs
Following data are based on characterization tests on a limited number of samples.
Figure 5. tr/tf thermal drift normalized at 25°C
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
150
°C
VDD2 = 2.7 V
VDD2 = 5 V
Figure 6. Propagation delay thermal drift
normalized at 25°C
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100
125
150
°C
VDDx = 2.7 V
VDDx = 5 V
STISO620
Characterization graphs
DS14110 - Rev 2
page 11/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com