Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS240H100TV1Y Datasheet (PDF) - STMicroelectronics

STPS240H100TV1Y Datasheet PDF - STMicroelectronics
Part # STPS240H100TV1Y
Download  STPS240H100TV1Y Download
File Size   180.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V, 2 x 120 A, power Schottky rectifier

STPS240H100TV1Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS240H100TV1Y Datasheet PDF - STMicroelectronics

Part # STPS240H100TV1Y
Download  STPS240H100TV1Y Click to download

File Size   180.0 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 100 V, 2 x 120 A, power Schottky rectifier

STPS240H100TV1Y Datasheet (HTML) - STMicroelectronics


STPS240H100TV1Y Product details

Features
• AEC-Q101 qualified
• PPAP capable
• Operating Tj from -40 °C to +175 °C
• Low thermal resistance
• Negligible switching losses
• Low CJ0
• High forward surge capability
• Avalanche rated
• Insulated package ISOTOP:
– Insulated voltage: 2500 VRMS sine
• ECOPACK2 compliant component
• Comply with UL1557 insulation: 2.5 kV
– Reference file: E81734

Description
The STPS240H100TV1Y is an automotive Schottky diode suitable for high frequency
switch mode power supply.
Especially suited for DC-DC applications, this isolated ISOTOP Schottky diode will
improve the thermal management in harshest environments. Its high forward surge
capability ensures a good robustness during transient phases or in case of short
circuit event.

Applications
• DC/DC converter, especially in hybrid or electrical vehicles
• OBC
• Secondary rectification
• LLC topologies
• Phase shift topologies




Similar Part No. - STPS240H100TV1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS24045 STMICROELECTRONICS-STPS24045 Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS24045 STMICROELECTRONICS-STPS24045 Datasheet
189Kb / 9P
45 V power Schottky rectifier
17-Sep-2018
STPS24045 STMICROELECTRONICS-STPS24045 Datasheet
189Kb / 9P
45 V power Schottky rectifier
17-Sep-2018
STPS24045TV STMICROELECTRONICS-STPS24045TV Datasheet
49Kb / 4P
POWER SCHOTTKY RECTIFIER
Sep-1999
logo
Microsemi Corporation
STPS24045TV MICROSEMI-STPS24045TV Datasheet
135Kb / 2P
2 X 160A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - STPS240H100TV1Y

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100 Datasheet
93Kb / 2P
120 A / 100 V Schottky Rectifier
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS40150C-Y STMICROELECTRONICS-STPS40150C-Y Datasheet
233Kb / 9P
Automotive 150 V, 2 x 20 A high voltage power Schottky rectifier
December 2018 Rev 3
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com