Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40100HR Datasheet (PDF) - STMicroelectronics

STPS40100HR Datasheet PDF - STMicroelectronics
Part # STPS40100HR
Download  STPS40100HR Download
File Size   82.81 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 20 A - 100 V Schottky rectifier

STPS40100HR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS40100HR Datasheet PDF - STMicroelectronics

Part # STPS40100HR
Download  STPS40100HR Click to download

File Size   82.81 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 20 A - 100 V Schottky rectifier

STPS40100HR Datasheet (HTML) - STMicroelectronics


STPS40100HR Product details

Description

This power Schottky rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. Housed in hermetically sealed packages both surface mount and through hole, it is ideal for use in applications for aerospace and other harsh environments. The STPS40100HR is intended for use in medium voltage application and particularly, in high frequency circuits where low switching losses and low noise are required.



Features

■ Forward current: 2 x 20 A

■ Repetitive peak voltage: 100 V

■ Low forward voltage drop: 0.9 V

■ Maximum junction temperature: 175 °C

■ Negligible switching losses

■ Low capacitance

■ High reverse avalanche surge capability

■ Hermetic packages

■ Target radiation qualification:

– 150 krad (Si) low dose rate

– 1 Mrad high dose rate

■ ESCC qualified




Similar Part No. - STPS40100HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
Power Schottky rectifier
01-Dec-2006
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
209Kb / 11P
120 V power Schottky rectifier
21-Jun-2018
More results


Similar Description - STPS40100HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ080PBF VISHAY-40CPQ080PBF Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40L15CTSPBF VISHAY-40L15CTSPBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com