Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1045HR Datasheet (PDF) - STMicroelectronics

STPS1045HR Datasheet PDF - STMicroelectronics
Part # STPS1045HR
Download  STPS1045HR Download
File Size   75.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 10 A - 45 V Schottky rectifier

STPS1045HR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS1045HR Datasheet PDF - STMicroelectronics

Part # STPS1045HR
Download  STPS1045HR Click to download

File Size   75.47 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 10 A - 45 V Schottky rectifier

STPS1045HR Datasheet (HTML) - STMicroelectronics


STPS1045HR Product details

Description

This power Schottky rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. Housed in a hermetically sealed surface mount package, it is ideal for use in applications for aerospace and other harsh environments.

The STPS1045HR is intended for use in medium voltage applications and in high frequency circuits where low switching losses and low noise are required.



Features

■ Forward current: 2 x 10 A

■ Repetitive peak voltage: 45 V

■ Low forward voltage drop: 0.75 V

■ Maximum junction temperature: 175 °C

■ Negligible switching losses

■ Low capacitance

■ High reverse avalanche surge capability

■ Hermetic package

■ Target radiation qualification:

   – 150 krad (Si) low dose rate

   – 1 Mrad high dose rate

■ ESCC qualified



 




Similar Part No. - STPS1045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045H STMICROELECTRONICS-STPS1045H Datasheet
70Kb / 5P
POWER SCHOTTKY RECTIFIER
May-2000
More results


Similar Description - STPS1045HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
logo
STMicroelectronics
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com