Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045HR Datasheet (PDF) - STMicroelectronics

STPS6045HR Datasheet PDF - STMicroelectronics
Part # STPS6045HR
Download  STPS6045HR Download
File Size   80.91 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 30 A - 45 V Schottky rectifier

STPS6045HR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS6045HR Datasheet PDF - STMicroelectronics

Part # STPS6045HR
Download  STPS6045HR Click to download

File Size   80.91 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 2 x 30 A - 45 V Schottky rectifier

STPS6045HR Datasheet (HTML) - STMicroelectronics


STPS6045HR Product details

Description
This power Schottky rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. Housed in a hermetically sealed surface mount package, it is ideal for use in applications for aerospace and other harsh environments.
The STPS6045HR is intended for use in medium voltage applications and in high frequency circuits where low switching losses and low noise are required.

Features
■ Forward current: 2 x 30 A
■ Repetitive peak voltage: 45 V
■ Low forward voltage drop: 0.75 V
■ Maximum junction temperature: 175 °C
■ Negligible switching losses
■ Low capacitance
■ High reverse avalanche surge capability
■ Hermetic package
■ Target radiation qualification:
   – 150 krad (Si) low dose rate
   – 1 Mrad high dose rate
■ ESCC qualified




Similar Part No. - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045 STMICROELECTRONICS-STPS6045 Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS6045C STMICROELECTRONICS-STPS6045C Datasheet
251Kb / 9P
Power Schottky Rectifier
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS6045CPI STMICROELECTRONICS-STPS6045CPI Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results


Similar Description - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
logo
Vishay Siliconix
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
Schottky Rectifier, 2 x 30 A
02-Jul-12
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com