Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS6045HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS6045HR
Description  Aerospace 2 x 30 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045HR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS6045HR Datasheet HTML 1Page - STMicroelectronics STPS6045HR Datasheet HTML 2Page - STMicroelectronics STPS6045HR Datasheet HTML 3Page - STMicroelectronics STPS6045HR Datasheet HTML 4Page - STMicroelectronics STPS6045HR Datasheet HTML 5Page - STMicroelectronics STPS6045HR Datasheet HTML 6Page - STMicroelectronics STPS6045HR Datasheet HTML 7Page - STMicroelectronics STPS6045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2010
Doc ID 18184 Rev 1
1/8
8
STPS6045HR
Aerospace 2 x 30 A - 45 V Schottky rectifier
Features
■ Forward current: 2 x 30 A
■ Repetitive peak voltage: 45 V
■ Low forward voltage drop: 0.75 V
■ Maximum junction temperature: 175 °C
■ Negligible switching losses
■ Low capacitance
■ High reverse avalanche surge capability
■ Hermetic package
■ Target radiation qualification:
– 150 krad (Si) low dose rate
– 1 Mrad high dose rate
■ ESCC qualified
Description
This power Schottky rectifier is designed and
packaged to comply with the ESCC5000
specification for aerospace products. Housed in a
hermetically sealed surface mount package, it is
ideal for use in applications for aerospace and
other harsh environments.
The STPS6045HR is intended for use in medium
voltage applications and in high frequency circuits
where low switching losses and low noise are
required.
Figure 1.
Device configuration
TO-254
3
1
2
STPS6045CFSY1
STPS6045CFSYHRB
Terminal 1:
Terminal 2:
Terminal 3:
The case is not connected to any lead
Anode a
Anode b
Common cathode
Table 1.
Device summary
Order code
ESCC part
number
Quality level
EPPL
Comment
Package
Lead
finish
STPS6045CFSY1
-
Engineering
model
-
Single die
TO-254
Gold
STPS6045CFSYHRB
5106/018/01
ESCC flight
-
Solder
dip
www.st.com


Similar Part No. - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6045 STMICROELECTRONICS-STPS6045 Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS6045C STMICROELECTRONICS-STPS6045C Datasheet
251Kb / 9P
Power Schottky Rectifier
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
STPS6045CP STMICROELECTRONICS-STPS6045CP Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS6045CPI STMICROELECTRONICS-STPS6045CPI Datasheet
66Kb / 5P
POWER SCHOTTKY RECTIFIER
Jun-1999
More results

Similar Description - STPS6045HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
Schottky Rectifier, 2 x 30 A
31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
logo
Vishay Siliconix
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
Schottky Rectifier, 2 x 30 A
02-Jul-12
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
Schottky Rectifier, 2 x 30 A
29-Aug-11
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com