Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5819U Datasheet (PDF) - STMicroelectronics

1N5819U Datasheet PDF - STMicroelectronics
Part # 1N5819U
Download  1N5819U Download
File Size   226.91 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 45 V power Schottky rectifier

1N5819U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5819U Datasheet PDF - STMicroelectronics

Part # 1N5819U
Download  1N5819U Click to download

File Size   226.91 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 45 V power Schottky rectifier

1N5819U Datasheet (HTML) - STMicroelectronics


1N5819U Product details

Description
This power Schottky rectifier is designed and




Similar Part No. - 1N5819U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5819UR CDI-DIODE-1N5819UR Datasheet
34Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5819UR MICROSEMI-1N5819UR Datasheet
48Kb / 2P
1 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Sensitron
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
88Kb / 3P
HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5819UR-1 SENSITRON-1N5819UR-1 Datasheet
59Kb / 3P
HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
1N5819UR-1 MICROSEMI-1N5819UR-1 Datasheet
311Kb / 6P
1 Amp Schottky Barrier Rectifiers
More results


Similar Description - 1N5819U

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045CTJ SSDI-SSR4045CTJ Datasheet
127Kb / 2P
30A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR8045CTP SSDI-SSR8045CTP Datasheet
104Kb / 2P
80A 45 V SCHOTTKY CENTERTAP RECTIFIER
SSR1645CTJ SSDI-SSR1645CTJ Datasheet
34Kb / 2P
16A 45 V SCHOTTKY RECTIFIER
logo
STMicroelectronics
1N5822U STMICROELECTRONICS-1N5822U Datasheet
100Kb / 7P
Aerospace 40 V power Schottky rectifier
23-Sep-2011
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
logo
STMicroelectronics
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS1045SFY STMICROELECTRONICS-STPS1045SFY Datasheet
473Kb / 11P
Automotive 45 V power Schottky rectifier
DS12668 - Rev 1 - August 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com