Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5822U Datasheet (PDF) - STMicroelectronics

1N5822U Datasheet PDF - STMicroelectronics
Part # 1N5822U
Download  1N5822U Download
File Size   100.24 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 40 V power Schottky rectifier

1N5822U Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5822U Datasheet PDF - STMicroelectronics

Part # 1N5822U
Download  1N5822U Click to download

File Size   100.24 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Aerospace 40 V power Schottky rectifier

1N5822U Datasheet (HTML) - STMicroelectronics


1N5822U Product details

Description
This power Schottky rectifier is designed and packaged to comply with the ESCC5000 specification for aerospace products. It is housed in a surface mount hermetically sealed LCC2B package whose footprint is 100% compatible with industry standard solutions in D5B.
The 1N5822U is suitable for switching mode power supplies and high frequency DC to DC converters such as low voltage high frequency inverter, free wheeling or polarity protection.

Features
• Aerospace applications
• Surface mount hermetic package
• High thermal conductivity materials
• Very small conduction losses
• Negligible switching losses
• Extremely fast switching
• Low forward voltage drop
• Package mass: 0.18 g
• Target radiation qualification
   – 150 krad (Si) low dose rate
   – 3 Mrad (Si) high dose rate
• ESCC qualified




Similar Part No. - 1N5822U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5822US CDI-DIODE-1N5822US Datasheet
39Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5822US MICROSEMI-1N5822US Datasheet
46Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
1N5822US MICROSEMI-1N5822US Datasheet
1Mb / 8P
3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results


Similar Description - 1N5822U

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_06 Datasheet
111Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
STMicroelectronics
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
logo
STMicroelectronics
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com