Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80A45CHR Datasheet (PDF) - STMicroelectronics

STPS80A45CHR Datasheet PDF - STMicroelectronics
Part # STPS80A45CHR
Download  STPS80A45CHR Download
File Size   208.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 2 x 40 A - 45 V Schottky rectifier

STPS80A45CHR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS80A45CHR Datasheet PDF - STMicroelectronics

Part # STPS80A45CHR
Download  STPS80A45CHR Click to download

File Size   208.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 2 x 40 A - 45 V Schottky rectifier

STPS80A45CHR Datasheet (HTML) - STMicroelectronics


STPS80A45CHR Product details

Features
• Forward current: 2 x 40 A
• Repetitive peak reverse voltage: 45 V
• Low forward voltage drop: 0.74 V max. at 80 A/125 °C
• dV/dt up to 10 kV/μs
• Monolithic dual die - common cathode
• Hermetic package
• TID and SEE characterized
• Package mass: 0.92 g
• ESCC qualified: 5106/024

Description
The STPS80A45CHR is packaged and screened to comply with the ESCC5000
specification for aerospace products. It is a dual monolithic Schottky rectifier
assembled in an SMD.5 hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device will be available from the European
Space Agency web site. ST will guarantee full compliance of qualified parts with the
ESCC detailed specification.




Similar Part No. - STPS80A45CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A150CS1 STMICROELECTRONICS-STPS80A150CS1 Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A150CSG STMICROELECTRONICS-STPS80A150CSG Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
More results


Similar Description - STPS80A45CHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 40 A
16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
Schottky Rectifier, 2 x 40 A
12-Sep-08
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
Schottky Rectifier, 2 x 40 A
21-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com