Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH40200CHR Datasheet (PDF) - STMicroelectronics

STTH40200CHR Datasheet PDF - STMicroelectronics
Part # STTH40200CHR
Download  STTH40200CHR Download
File Size   1076.79 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 40 A - 200 V fast recovery rectifier

STTH40200CHR Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH40200CHR Datasheet PDF - STMicroelectronics

Part # STTH40200CHR
Download  STTH40200CHR Click to download

File Size   1076.79 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 40 A - 200 V fast recovery rectifier

STTH40200CHR Datasheet (HTML) - STMicroelectronics


STTH40200CHR Product details

Features
• Forward current: 2 x 20 A
• Repetitive peak reverse voltage: 200 V
• Low forward voltage drop: 0.87 V at 40 A / 125 °C
• Monolithic dual die - common cathode
• Ceramic hermetic package
• TID and SEE tested
• Package mass: 9.4 g
• ESCC qualified: 5103/033

Description
The STTH40200CHR is a monolithic dual rectifier assembled in a TO-254AA
hermetic package and screened to comply with the ESCC5000 specification for Rad-
Hard products. It is in addition tested in total dose rate and in single event effect. it is
ESCC qualified.
The ESCC Detail Specification for this device is available from the European Space
Agency web site. ST guarantees full compliance of qualified parts with the ESCC
Detailed Specification.




Similar Part No. - STTH40200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH40P03S STMICROELECTRONICS-STTH40P03S Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03SFP STMICROELECTRONICS-STTH40P03SFP Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03ST STMICROELECTRONICS-STTH40P03ST Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03SW STMICROELECTRONICS-STTH40P03SW Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
More results


Similar Description - STTH40200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
logo
Vishay Siliconix
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
29-Nov-2019
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com