Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH40200CHR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH40200CHR
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH40200CHR Datasheet HTML 4Page - STMicroelectronics STTH40200CHR Datasheet HTML 5Page - STMicroelectronics STTH40200CHR Datasheet HTML 6Page - STMicroelectronics STTH40200CHR Datasheet HTML 7Page - STMicroelectronics STTH40200CHR Datasheet HTML 8Page - STMicroelectronics STTH40200CHR Datasheet HTML 9Page - STMicroelectronics STTH40200CHR Datasheet HTML 10Page - STMicroelectronics STTH40200CHR Datasheet HTML 11Page - STMicroelectronics STTH40200CHR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
5
Other information
5.1
Traceability information
Date code information is described in the table below.
Table 8. Date codes
Model
Date code(1)
EM
3yywwN
ESCC
yywwN
1. yy = year, ww = week number, N = lot index in the week.
5.2
Documentation
Documentation is provided for each product as per below table.
Table 9. Default documentation provided with the parts
Quality level
Documentation
Engineering model
Certificate of conformance including:
•
Customer name
•
Customer purchase order number
•
ST sales order number and item
•
ST part number
•
Quantity delivered
•
Date code
•
Reference data sheet
•
Reference to TN1181 on engineering models
•
ST Rennes assembly lot ID
ESCC flight
Certificate of conformance including:
•
Customer name
•
Customer purchase order number
•
ST sales order number and item
•
ST part number
•
Quantity delivered
•
Date code
•
Serial numbers
•
Diffusion line (plant + wafer size)
•
Diffusion run (wafer lot number) and wafer ID
•
Reference of the applicable ESCC Qualification maintenance lot
•
Reference to the ESCC detail specification
•
ST Rennes assembly lot ID
STTH40200CHR
Other information
DS12525 - Rev 5
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com